Part Number Hot Search : 
CXP87500 NKA0505D TIONA DS1680 30M25 2SK3280 2DQ60D 67000
Product Description
Full Text Search
 

To Download MTL206P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the green series switch ofering includes both pushbutton and toggle switches all rated to 6a/3a@125/250vac and 4a@28vdc. the life expectancy depending on function (momentary or push on push of) and number of poles from 40,000 up to 80,000 cycles at full load this is accomplished due to silver slugs in the contact area. in addition to the silver slugs all contact surfaces are gold fashed this inhibits oxidation and also ofers a very low initial contact resistance. the design also includes overmolded terminals which eliminate any voids which is possible with epoxy sealed terminals. the green series toggle ofer wide range of toggle bat options including a splash proof switch the mte series and locking toggle mtl series. in the pushbuttons we ofer our standard button style mpa plus a splash proof design mpe and our very robust actuator the mpg mustang series. features and benefits ? wire lug, pc terminals, right angle and vertical right angle ofered ? customer selected actuator cap size and color on mpa series ? mte series splash proof toggle actuator ? mpe series sealed to ip65 ? entire series with overmolded terminals ? actuator guards, decorative hardware, and silicone boot seals available product applications ? military/aerospace ? commercial ? industrial ? instrumentation ? medical quick reference guide green pushbutton and toggle series switches te.com /products/switches
typical performance characteristics contact confguration spdt, dpdt, 3pdt, 4pdt contact timing break-before-make contact rating, max 6 a @ 125 vac, 3 a @ 250 vac electrical life (pushbutton only) push on/push of: 30,000 cycles momentary: 20,000 cycles contact resistance, initial 10 mohms max. insulation resistance 1,000 mohms min. dielectric strength 1,500 volts rms @ sea level actuator force 4 to 20 n (400 to 2000 gf) actuator travel 3.44 mm (pushbuttons) 24~26 (toggles) environmental specifcations operating temperature -20c to +80c storage temperature -40c to +80c solder heat resistance wave solder capable to 265c seal mpe switches ip65 overmolded terminals mte series splash proof toggle actuator o ring material specifcations contacts copper alloy silver clad gold fash actuator brass nickel plated terminals copper alloy silver clad gold fash terminal seal overmolded case alkyd polyester (green) ul94-v-o frame stainless steel support bracket (toggle only) steel nickel plated spring (toggle only) music wire rohs directive 2002/95/ec compliant te.com/products/switches green series switches te connectivity
pushbutton switches product key type mp green series pushbutton switches panel mount bushing style a 1440 34mm actuator e 1440 34mm actuator with o rings g 13232 large actuator number of poles 1 single pole 3 3 pole 2 double pole 4 4 pole rating 06 6 amp function 1 & 3 pole 2 & 4 pole d pushonpusho n pushonpusho f momentary r momentary terminals blank wire lug pc printed circuit board typical product key mp a 1 06 d ra part numbers product key bushing no. of poles function terminals material part number mpa106d 1/4-40 3.4mm actuator single pole push-on/push-off wire lug rohs compliant 2-1437567-8 mpa106f 1/4-40 3.4mm actuator single pole momentary wire lug rohs compliant 2-1437567-9 mpa106fpc 1/4-40 3.4mm actuator single pole momentary pcb rohs compliant 3-1437567-0 mpa206n 1/4-40 3.4mm actuator double pole push-on/push-off wire lug rohs compliant 3-1437567-1 mpa206npc 1/4-40 3.4mm actuator double pole push-on/push-off pcb rohs compliant 3-1437567-2 mpa206r 1/4-40 3.4mm actuator double pole momentary wire lug rohs compliant 3-1437567-3 mpa206rpc 1/4-40 3.4mm actuator double pole momentary pcb rohs compliant 3-1437567-4 mpa306d 1/4-40 3.4mm actuator 3 poles push-on/push-off wire lug rohs compliant 3-1437567-5 mpa306f 1/4-40 3.4mm actuator 3 poles momentary wire lug rohs compliant 3-1437567-6 mpa406n 1/4-40 3.4mm actuator 4 poles push-on/push-off wire lug rohs compliant 3-1437567-7 mpa406r 1/4-40 3.4mm actuator 4 poles momentary wire lug rohs compliant 3-1437567-8 mpe106d 1/4-40 3.4mm actuator with 'o' ring single pole push-on/push-off wire lug rohs compliant 4-1437567-2 mpe106f 1/4-40 3.4mm actuator with o ring single pole momentary wire lug rohs compliant 4-1437567-3 mpe206n 1/4-40 3.4mm actuator with o ring double pole push-on/push-off wire lug rohs compliant 4-1437567-4 mpe206r 1/4-40 3.4mm actuator with o ring double pole momentary wire lug rohs compliant 4-1437567-5 mpe306f 1/4-40 3.4mm actuator with o ring 3 poles momentary wire lug rohs compliant 4-1437567-6 mpe406n 1/4-40 3.4mm actuator with o ring 4 poles push-on/push-off wire lug rohs compliant 4-1437567-7 mpe406r 1/4-40 3.4mm actuator with o ring 4 poles momentary wire lug rohs compliant 4-1437567-8 mpg106d 15/32-32 large actuator single pole push-on/push-off wire lug rohs compliant 4-1437567-9 mpg106f 15/32-32 large actuator single pole momentary wire lug rohs compliant 5-1437567-0 mpg206n 15/32-32 large actuator double pole push-on/push-off wire lug rohs compliant 5-1437567-1 mpg206npc 15/32-32 large actuator double pole push-on/push-off pcb rohs compliant 5-1437567-2 mpg206r 15/32-32 large actuator double pole momentary wire lug rohs compliant 5-1437567-3 mpg206rpc 15/32-32 large actuator double pole momentary pcb rohs compliant 5-1437567-4 mpg306d 15/32-32 large actuator 3 poles push-on/push-off wire lug rohs compliant 5-1437567-5 mpg306f 15/32-32 large actuator 3 poles momentary wire lug rohs compliant 5-1437567-6 mpg406n 15/32-32 large actuator 4 poles push-on/push-off wire lug rohs compliant 5-1437567-7 mpg406r 15/32-32 large actuator 4 poles momentary wire lug rohs compliant 5-1437567-8 te.com/products/switches green series switches te connectivity
type mt green series toggle switches panel mount toggle & bushing a 410 long round toggle 1440 bushing a8 410 long round toggle 1440 bushing right angle vertical right angle b 600 long round toggle with plastic tip 1440 bushing e 410 long round toggle 1440 bushing with o ring seal f 48 long at toggle 1440 bushing g 42 long large diameter round toggle 132 bushing g2 68 long large diameter round toggle 132 bushing l locking toggle 1440 bushing m 20 long round toggle 1440 bushing m8 20 long round toggle 1440 bushing right angle vertical right angle number of poles 1 single pole 3 3 pole 2 double pole 4 4 pole rating 06 6 amp function 1 & 3 pole 2 & 4 pole 1 & 2 pole functionality * d onon n onon pa ononon e onoffon p onoffon sa ononon f onon r onon ta ononon g onoffon s onoffon 2 and 4 pole design, internally h onoffon t onoffon connected for 1 and 2 pole functionality terminations blank wire lug ra right angle pc printed circuit board vra vertical right angle typical product key mt a 1 06 e pc part numbers product key toggle bushing poles terminations material part number mta106d .410 round 1/4-40 bushing 1 wire lug rohs compliant 1-1437558-0 mta106dpc .410 round 1/4-40 bushing 1 pc board rohs compliant 1-1437558-1 mta106e .410 round 1/4-40 bushing 1 wire lug rohs compliant 1-1437558-2 mta106epc .410 round 1/4-40 bushing 1 pc board rohs compliant 1-1437558-3 mta106f .410 round 1/4-40 bushing 1 wire lug rohs compliant 1-1437558-4 mta106fpc .410 round 1/4-40 bushing 1 pc board rohs compliant 1-1437558-5 mta106g .410 round 1/4-40 bushing 1 wire lug rohs compliant 1-1437558-6 mta106gpc .410 round 1/4-40 bushing 1 pc board rohs compliant 1-1437558-7 mta206n .410 round 1/4-40 bushing 2 wire lug rohs compliant 2-1437558-0 mta206npc .410 round 1/4-40 bushing 2 pc board rohs compliant 2-1437558-1 mta206p .410 round 1/4-40 bushing 2 wire lug rohs compliant 2-1437558-2 mta206ppc .410 round 1/4-40 bushing 2 pc board rohs compliant 2-1437558-5 mta206r .410 round 1/4-40 bushing 2 wire lug rohs compliant 2-1437558-7 mta206rpc .410 round 1/4-40 bushing 2 pc board rohs compliant 2-1437558-8 mta206s .410 round 1/4-40 bushing 2 wire lug rohs compliant 2-1437558-9 mta206spc .410 round 1/4-40 bushing 2 pc board rohs compliant 3-1437558-1 mta306d .410 round 1/4-40 bushing 3 wire lug rohs compliant 3-1437558-5 mta306dpc .410 round 1/4-40 bushing 3 pc board rohs compliant 3-1437558-6 mta306e .410 round 1/4-40 bushing 3 wire lug rohs compliant 3-1437558-7 mta306epc .410 round 1/4-40 bushing 3 pc board rohs compliant 3-1437558-8 mta306f .410 round 1/4-40 bushing 3 wire lug rohs compliant 3-1437558-9 mta306fpc .410 round 1/4-40 bushing 3 pc board rohs compliant 4-1437558-0 mta406n .410 round 1/4-40 bushing 4 wire lug rohs compliant 4-1437558-3 mta406npc .410 round 1/4-40 bushing 4 pc board rohs compliant 4-1437558-4 mta406p .410 round 1/4-40 bushing 4 wire lug rohs compliant 4-1437558-5 mta406ppc .410 round 1/4-40 bushing 4 pc board rohs compliant 4-1437558-8 toggle switches product key te.com/products/switches green series switches te connectivity
part numbers (continued) product key toggle bushing poles terminations material part number mtb106d .600 round, w plastic tip 1/4-40 bushing 1 wire lug rohs compliant 6-1437558-2 mtb106e .600 round, w plastic tip 1/4-40 bushing 1 wire lug rohs compliant 6-1437558-3 mtb206n .600 round, w plastic tip 1/4-40 bushing 2 wire lug rohs compliant 6-1437558-4 mtb206p .600 round, w plastic tip 1/4-40 bushing 2 wire lug rohs compliant 6-1437558-5 mtb306d .600 round, w plastic tip 1/4-40 bushing 3 wire lug rohs compliant 6-1437558-6 mtb406n .600 round, w plastic tip 1/4-40 bushing 4 wire lug rohs compliant 6-1437558-7 mte106d .410 round 1/4-40, o-ring seal 1 wire lug rohs compliant 6-1437558-8 mte106e .410 round 1/4-40, o-ring seal 1 wire lug rohs compliant 6-1437558-9 mte106f .410 round 1/4-40, o-ring seal 1 wire lug rohs compliant 7-1437558-0 mte106g .410 round 1/4-40, o-ring seal 1 wire lug rohs compliant 7-1437558-1 mte206n .410 round 1/4-40, o-ring seal 2 wire lug rohs compliant 7-1437558-2 mte206p .410 round 1/4-40, o-ring seal 2 wire lug rohs compliant 7-1437558-3 mte206r .410 round 1/4-40, o-ring seal 2 wire lug rohs compliant 7-1437558-5 mte206s .410 round 1/4-40, o-ring seal 2 wire lug rohs compliant 7-1437558-6 mte306d .410 round 1/4-40, o-ring seal 3 wire lug rohs compliant 7-1437558-8 mte306e .410 round 1/4-40, o-ring seal 3 wire lug rohs compliant 7-1437558-9 mte406n .410 round 1/4-40, o-ring seal 4 wire lug rohs compliant 8-1437558-0 mte406p .410 round 1/4-40, o-ring seal 4 wire lug rohs compliant 8-1437558-1 mtf106d .485 fat 1/4-40 bushing 1 wire lug rohs compliant 8-1437558-3 mtf106e .485 fat 1/4-40 bushing 1 wire lug rohs compliant 8-1437558-4 mtf106f .485 fat 1/4-40 bushing 1 wire lug rohs compliant 8-1437558-5 mtf106g .485 fat 1/4-40 bushing 1 wire lug rohs compliant 8-1437558-6 mtf206s .485 fat 1/4-40 bushing 2 wire lug rohs compliant 9-1437558-6 mtf306d .485 fat 1/4-40 bushing 3 wire lug rohs compliant 1437559-6 mtf406n .485 fat 1/4-40 bushing 4 wire lug rohs compliant 1437559-8 mtg106d .452 large diam. round 15/32 bushing 1 wire lug rohs compliant 1-1437559-1 mtg106e .452 large diam. round 15/32 bushing 1 wire lug rohs compliant 1-1437559-2 mtg106f .452 large diam. round 15/32 bushing 1 wire lug rohs compliant 1-1437559-3 mtg106g .452 large diam. round 15/32 bushing 1 wire lug rohs compliant 1-1437559-4 mtg206n .452 large diam. round 15/32 bushing 2 wire lug rohs compliant 1-1437559-8 mtg206p .452 large diam. round 15/32 bushing 2 wire lug rohs compliant 2-1437559-0 mtg206r .452 large diam. round 15/32 bushing 2 wire lug rohs compliant 2-1437559-2 mtg206s .452 large diam. round 15/32 bushing 2 wire lug rohs compliant 2-1437559-3 mtg306d .452 large diam. round 15/32 bushing 3 wire lug rohs compliant 2-1437559-8 mtg306e .452 large diam. round 15/32 bushing 3 wire lug rohs compliant 2-1437559-9 mtg406n .452 large diam. round 15/32 bushing 4 wire lug rohs compliant 3-1437559-1 mtg406p .452 large diam. round 15/32 bushing 4 wire lug rohs compliant 3-1437559-2 mtl106d locking 1/4-40 bushing 1 wire lug rohs compliant 3-1437559-4 mtl106e locking 1/4-40 bushing 1 wire lug rohs compliant 3-1437559-5 mtl206n locking 1/4-40 bushing 2 wire lug rohs compliant 3-1437559-7 MTL206P locking 1/4-40 bushing 2 wire lug rohs compliant 3-1437559-9 mtl206s locking 1/4-40 bushing 2 wire lug rohs compliant 4-1437559-1 mtl306d locking 1/4-40 bushing 3 wire lug rohs compliant 4-1437559-2 mtl306e locking 1/4-40 bushing 3 wire lug rohs compliant 4-1437559-3 mtl406n locking 1/4-40 bushing 4 wire lug rohs compliant 4-1437559-4 mtm106dpc .270 round 1/4-40 bushing 1 pc board rohs compliant 4-1437559-6 mtm106epc .270 round 1/4-40 bushing 1 pc board rohs compliant 4-1437559-7 mtm106fpc .270 round 1/4-40 bushing 1 pc board rohs compliant 4-1437559-8 mtm206npc .270 round 1/4-40 bushing 2 pc board rohs compliant 4-1437559-9 mtm306dpc .270 round 1/4-40 bushing 3 pc board rohs compliant 5-1437559-3 mtm406npc .270 round 1/4-40 bushing 4 pc board rohs compliant 5-1437559-4 mtl106d locking 1/4-40 bushing 1 wire lug rohs compliant 3-1437559-4 mtl106e locking 1/4-40 bushing 1 wire lug rohs compliant 3-1437559-5 mtl206n locking 1/4-40 bushing 2 wire lug rohs compliant 3-1437559-7 MTL206P locking 1/4-40 bushing 2 wire lug rohs compliant 3-1437559-9 mtl206s locking 1/4-40 bushing 2 wire lug rohs compliant 4-1437559-1 mtl306d locking 1/4-40 bushing 3 wire lug rohs compliant 4-1437559-2 mtl306e locking 1/4-40 bushing 3 wire lug rohs compliant 4-1437559-3 mtl406n locking 1/4-40 bushing 4 wire lug rohs compliant 4-1437559-4 mtm106dpc .270 round 1/4-40 bushing 1 pc board rohs compliant 4-1437559-6 mtm106epc .270 round 1/4-40 bushing 1 pc board rohs compliant 4-1437559-7 mtm106fpc .270 round 1/4-40 bushing 1 pc board rohs compliant 4-1437559-8 mtm206npc .270 round 1/4-40 bushing 2 pc board rohs compliant 4-1437559-9 mtm306dpc .270 round 1/4-40 bushing 3 pc board rohs compliant 5-1437559-3 mtm406npc .270 round 1/4-40 bushing 4 pc board rohs compliant 5-1437559-4 te.com/products/switches green series switches te connectivity
how to specify in a switch electrical considerations voltage of applications: current of application: circuitry confguration: number of poles: number of throws: number of operations anticipated: agency approvals or listings desired: mechaniclal considerations type of switch (actuator type): toggle pushbutton rotary rocker other switch function (on/of/on): on/of: momentary: termination: thru-hole (pc) surface mount wire lug quick connect other sealing contamination requirements: product processing considerations anticipated soldering process: hand wave smt other for more information te technical support center usa: +1 (800) 522-6752 canada: +1 (905) 475-6222 mexico +52 (0) 55-1106-0800 latin/s. america: +54 (0) 11-4733-2200 germany: +49 (0) 6251-133-1999 uk: +44 (0) 800-267666 france: +33 (0) 1-3420-8686 netherlands: +31 (0) 73-6246-999 china: +86 (0) 400-820-6015 part numbers in this brochure are rohs compliant*, unless marked otherwise. *as defned www.te.com/leadfree te.com ? 2012 tyco electronics corporation, a te connectivity ltd. company. all rights reserved. 2-1773458-6 cis jg 05/2012 te connectivity and the te connectivity (logo) are trademarks. other logos, product and/or company names might be trademarks of their respective owners. while te has made every reasonable effort to ensure the accuracy of the information in this brochure, te does not guarantee that it is error-free, nor does te make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. te reserves the right to make any adjustments to the information contained herein at any time without notice. te expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or ftness for a particular purpose. the dimensions in this catalog are for reference purposes only and are subject to change without notice. specifcations are subject to change without notice. consult te for the latest dimensions and design specifcations.


▲Up To Search▲   

 
Price & Availability of MTL206P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X